Part Number Hot Search : 
HX6098NL 10010 TC124 MLG1005S 1SAM7 TC124 87C749 163390J
Product Description
Full Text Search
 

To Download AS1503-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet AS1500/1/2/3
Digital Potentiometer
AS1500/AS1501/AS1502/AS1503
Key Features
-
DATASHEET PRELIMINARY FACT SHEET
-
256-Position Available in four Resistance values - AS1500 resistance 10kOhms - AS1501 resistance 20kOhms - AS1502 resistance 50kOhms - AS1503 resistance 100kOhms Power Shutdown --Less than 1 A 3-Wire SPI-Compatible Serial Data Input 10 MHz Update Data Loading Rate 2.7 V to 5.5 V Single-Supply Operation Temperature Range -40C to +125C Package SO-8 Compatible to AD8400
programming rates up to 10MHz. The AS1500 is available in four different resistor values. The AS1500 incorporates a 10k, the AS1501 a 20k, the AS1502 a 50k and the AS1503 a 100k fixed resistor. The wiper contact taps the fixed resistor at points determined by the 8-bit digital code word. The resistance between the wiper and the endpoint of the resistor is linear. The switching action is performed in a way that no glitches occur. Furthermore the AS150x product family includes a shutdown mode, where it consumes less than 1A. The AS150x is available in an 8-pin SOIC package. All parts are guaranteed to operate over the extended industrial temperature range of -40C to +125C.
Applications General Description
The AS1500 is a digital potentiometer with 256 programmable steps. The values of the resistor can be controlled via 3 wire serial interface capable to handle
-
Line Impedance Matching Volume Control, Panning Mechanical Potentiometer Replacement Power Supply Adjustment Programmable Filters, Delays, Time Constants
VDD
B1 GND 2 CSN 3 SDI 4
8
A W VDD CK
AS150x
Top View
SDI CK CSN
A 10 Bit Serial Latch 8 8-Bit Latch 8 W B
7 6 5
AS1500
GND
Figure 1 Pinout andfunctional Block Diagram of Digital Potentiometer AS150x family
Revision 1.0, Oct 2004
Page 1 of 8
Data Sheet AS1500/1/2/3
ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise noted.) Parameter VDD to GND VA, VB, VW to GND AX - BX, AX - WX, BX - WX Digital Input and Output Voltage to GND Operating Temperature Range Maximum Junction Temperature (TJ max) Storage Temperature Package body temperature 1 Package Power Dissipation ESD
2
Limits -0.3V, +7V 0V, VDD 20mA 0V, +7V -40C to +125C 150C -65C to +150C 260C (TJ max - TA) / JA 1kV
Table 1: Absolute Maximum Ratings
Pin 1 2 3 4 5 6 7 8 Table
Description Terminal B RDAC Ground Chip Select Input, Active Low. When CS returns high, CSN data in the serial input register is loaded into the DAC register. SDI Serial Data Input CK Serial Clock Input, Positive Edge Triggered. Positive power supply, specified for operation at both 3V VDD and 5V. W Wiper RDAC A Terminal A RDAC 2: Pin Function Description
Name B GND
1
2
The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020C "Moisture/Reflow Sensitivity Classification for non hermetic Solid State Surface Mount Devices". HBM MIL-Std883E 3015.7methods.
Page 2 of 8
Revision 1.0, Oct 2004
Data Sheet AS1500/1/2/3
AS1500 / AS1501 - SPECIFICATIONS
VDD = 3V10% or 5V10%, VA = VDD, VB = 0V, -40C TA +125C unless otherwise noted.
ELECTRICAL CHARACTERISTICS - 10k and 20k VERSIONS
Parameter Symbol Conditions DC CHARACTERISTICS RHEOSTAT MODE TA = 25C, VDD = 5V, AS1500, Version: 10k Nominal Resistance 4 RAB TA = 25C, VDD = 5V, AS1501, Version: 20k Resistance Tempco 5 RAB/T VAB = VDD, Wiper = No Connect Wiper Resistance RW VDD = 5V Resistor Differential NL 6 R-DNL RWB, VDD = 5V, VA = No Connect Resistor Integral NL R-INL RWB, VDD = 5V, VA = No Connect DC CHARACTERISTICS POTENTIOMETER DIVIDER Resolution N VDD = 5.5V TA = 25C Integral Nonlinearity INL VDD = 2.7V TA = 25C VDD = 5.5V TA = 25C Differential Nonlinearity DNL VDD = 2.7V TA = 25C Voltage Divider Tempco VW /T Code = 80H Full-Scale Error VWFSE Code = FFH, VDD = 5.5V Zero-Scale Error VWZSE Code = 00H, VDD = 5.5V RESISTOR TERMINALS Voltage Range 7 VA, B, W Capacitance 8 Ax, Bx CA, B f =1MHz, Measured to GND, Code = 80H Capacitance Wx CW f =1MHz, Measured to GND, Code = 80H DIGITAL INPUTS AND OUTPUTS Input Logic High VIH VDD = 5V Input Logic Low VIL VDD = 5V Input Logic High VIH VDD = 3V Input Logic Low VIL VDD = 3V Input Current IIH, IIL VIN = 5V or 0V, VDD = 5V Input Capacitance CIL POWER SUPPLIES Power Supply Range VDD Supply Current (CMOS) IDD VIH = VDD or VIL = 0V, VDD = 5.5V Supply Current (TTL) 9 IDD VIH = 2.4V or 0.8V, VDD = 5.5V Power Dissipation PDISS VIH = VDD or VIL = 0V, VDD = 5.5V (CMOS) 10 AS1500, Version: 10k Power Supply Suppression VDD = 5V + 0.5VP PSSR sine wave @ 1kHz Ratio AS1501, Version: 20k DYNAMIC CHARACTERISTICS 11 BW_10k RWB = 10k, VDD = 5V Bandwidth -3dB Bandwidth -3dB BW_20k RWB = 20k, VDD = 5V Total Harmonic Distortion THDW VA = 1VRMS + 2VDC, VB = 2VDC, f = 1kHz RWB = 5k, VA = VDD, VB = 0V, 1% Error tS_10k Band VW Settling Time RWB = 10k, VA = VDD, VB = 0V, 1% Error tS_20k Band eNWB_10k RWB = 5k, f =1kHz Resistor Noise Voltage eNWB_20k RWB = 10k, f =1kHz
Table 3: Electrical Characteristics - 10k and 20k Versions
Min 8 16 20 -1 -2 -2 -2 -1 -1 -4 0 0
Typ 3 10 20 500 100 1/4 1/2 8 1/2 1/2 1/4 1/4 15 -2.8 1.3 75 120
Max 12 24 200 +1 +2 +2 +2 +1 +1 0 2 VDD
Unit k k ppm/C LSB LSB Bits LSB LSB LSB LSB ppm/C LSB LSB V pF pF V V V V A pF V A mA W dB dB kHz kHz % s s nV/ Hz nV/ Hz
2.4 0.8 2.1 0.6 1 5 2.7 0.1 0.9 -54 -52 1000 500 0.003 2 4 9 13 5.5 1 4 27.5 -25 -25
3 4
Typicals represent average readings at 25C and VDD = 5V. Wiper is not connected. IAB = 350A for the 10k version and 175A for the 20k version. 5 All Tempcos are guaranteed by design and not subject to production test. 6 Terminal A is not connected. IW = 350A for the 10k version and 175A for the 20k version. 7 Resistor terminals A, B, W have no limitations on polarity with respect to each other. 8 All capacitances are guaranteed by design and not subject to production test. Resistor-terminal capacitance tests are measured with 2.5V bias on the measured terminal. The remaining resistor terminals are left open circuit. 9 Worst-case supply current consumed when input logic level at 2.4V, standard characteristic of CMOS logic. 10 PDISS is calculated from (IDDxVDD). CMOS logic level inputs result in minimum power dissipation. 11 All dynamic characteristics are guaranteed by design and not subject to production test. All dynamic characteristics use VDD=5V.
Revision 1.0, Oct 2004 Page 3 of 8
Data Sheet AS1500/1/2/3
AS1502 / AS1503 - SPECIFICATIONS
VDD = 3V10% or 5V10%, VA = VDD, VB = 0V, -40C TA +125C unless otherwise noted.
ELECTRICAL CHARACTERISTICS - 50k and 100k VERSIONS
Parameter Symbol Conditions DC CHARACTERISTICS RHEOSTAT MODE TA = 25C, VDD = 5V, AS1502, Version: 50k Nominal Resistance 13 RAB TA = 25C, VDD = 5V, AS1503, Version: 100k Resistance Tempco 14 RAB/T VAB = VDD, Wiper = No Connect Wiper Resistance RW VDD = 5V Resistor Differential NL 15 R-DNL RWB, VDD = 5V, VA = No Connect Resistor Integral NL R-INL RWB, VDD = 5V, VA = No Connect DC CHARACTERISTICS POTENTIOMETER DIVIDER Resolution N VDD = 5.5V TA = 25C Integral Nonlinearity INL VDD = 2.7V TA = 25C VDD = 5.5V TA = 25C Differential Nonlinearity DNL VDD = 2.7V TA = 25C Voltage Divider Tempco VW /T Code = 80H Full-Scale Error VWFSE Code = FFH, VDD = 5.5V Zero-Scale Error VWZSE Code = 00H, VDD = 5.5V RESISTOR TERMINALS Voltage Range 16 VA, B, W Capacitance 17 Ax, Bx CA, B f = 1MHz, Measured to GND, Code = 80H Capacitance Wx CW f = 1MHz, Measured to GND, Code = 80H DIGITAL INPUTS AND OUTPUTS Input Logic High VIH VDD = 5V Input Logic Low VIL VDD = 5V Input Logic High VIH VDD = 3V Input Logic Low VIL VDD = 3V Input Current IIH, IIL VIN = 5V or 0V, VDD = 5V Input Capacitance CIL POWER SUPPLIES Power Supply Range VDD Supply Current (CMOS) IDD VIH = VDD or VIL = 0V, VDD = 5.5V Supply Current (TTL) 18 IDD VIH = 2.4V or 0.8V, VDD = 5.5V Power Dissipation PDISS VIH = VDD or VIL = 0V, VDD = 5.5V (CMOS) 19 AS1502, Version: 50k Power Supply Suppression VDD = 5V + 0.5VP PSSR AS1503, Version: sine wave @ 1kHz Ratio 100k DYNAMIC CHARACTERISTICS 20 BW_50k RWB = 50k, VDD = 5V Bandwidth -3dB Bandwidth -3dB BW_100k RWB = 100k, VDD = 5V Total Harmonic Distortion THDW VA = 1VRMS + 2VDC, VB = 2VDC, f = 1kHz RWB = 50k, VA = VDD, VB = 0V, 1% Error tS_50k Band VW Settling Time RWB = 100k, VA = VDD, VB = 0V, 1% Error tS_100k Band eNWB_50k RWB = 50k, f = 1kHz Resistor Noise Voltage eNWB_100 RWB = 100k, f = 1kHz k
Table 4: Electrical Characteristics - 50k and 100k Versions
Min 40 80 20 -1 -2 -4 -4 -1 -1 -1 0 0
Typ 12 50 100 500 100 1/4 1/2 8 1 1 1/4 1/4 15 -0.25 0.1 15 80
Max 60 120 200 +1 +2 +4 +4 +1 +1 0 1 VDD
Unit k k ppm/C LSB LSB Bits LSB LSB LSB LSB ppm/C LSB LSB V pF pF V V V V A pF V A mA W dB dB kHz kHz % s s nV/ Hz nV/ Hz
2.4 0.8 2.1 0.6 1 5 2.7 0.1 0.9 -43 -48 220 110 0.003 9 18 20 29 5.5 1 4 27.5 tbd. tbd.
Typicals represent average readings at 25C and VDD = 5V. Wiper is not connected. IAB = 70A for the 50k version and 35A for the 100k version. 14 All Tempcos are guaranteed by design and not subject to production test. 15 Terminal A is not connected. IW = 70A for the 50k version and 35A for the 100k version. 16 Resistor terminals A, B, W have no limitations on polarity with respect to each other. 17 All capacitances are guaranteed by design and not subject to production test. Resistor-terminal capacitance tests are measured with 2.5V bias on the measured terminal. The remaining resistor terminals are left open circuit. 18 Worst-case supply current consumed when input logic level at 2.4V, standard characteristic of CMOS logic. 19 PDISS is calculated from (IDDxVDD). CMOS logic level inputs result in minimum power dissipation. 20 All dynamic characteristics are guaranteed by design and not subject to production test. All dynamic characteristics use VDD=5V.
12 13
Revision 1.0, Oct 2004
Page 4 of 8
Data Sheet AS1500/1/2/3
AS150x - SPECIFICATIONS
(VDD = 3V10% or 5V10%, VA = VDD, VB = 0V, -40CTA+125C unless otherwise noted.)
CK SD
1 0 1 0 1 0
A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
ELECTRICAL CHARACTERISTICS-ALL VERSIONS
SymTyp Conditions Min 21 Max Unit bol SWITCHING CHARACTERISTICS 22, 23 Input Clock Clock Level tCH, tCL 50 ns Pulsewidth High or Low Data Setup Time tDS 5 ns Data Hold Time tDH 5 ns CSN Setup Time tCSS 10 ns CSN High 10 ns tCSW Pulsewidth CK Fall to CSN Rise tCSH 0 ns Hold Time CSN Rise to Clock 10 ns tCS1 Rise Setup Parameter
Table 5: Switching Characteristics
DAC Register
CS
V O UT 0V
Figure 2: Timing Diagram
VD
SDI
1 0 1 0 1 0
A X or tC
A X or tD tD t CS t CL
CK
t CS
CSN
t CS t CS tS 1% 1% Error
V DD V O UT 0V
Figure 3: Detailed Timing Diagram
Detailed Description
Serial-Programming Programming of the AS150x is done via the 3 wire serial interface. The three input signals are serial data input (SDI), clock(CK) and chip select (CS). A programming sequence consists of 10-bit, where the last eight bit contain the code word for the resistor value. The first two bits A1 and A0 have to be low(see Table ). The data is shifted into the internal 10 Bit register with the rising edge of the CK signal. With the rising edge of the CSN signal the data becomes valid and the resistance is updated (see figure 2). A detailed block diagram is shown in figure 3. A1 A0 D7 0 0 MSB D6 D5 D4 D3 Data D2 D1 D0 LSB
Rheostat Operation The digital potentiometer family AS150x offers nominal resistor values of 10k, 20 k, 50k and 100k. The resistor has 256 contact points where the wiper can access the resistor. The 8-bit code word determines the position of the wiper and is decoded through an internal logic. The lowest code 00h is related to the terminal B. The resistance is then only determined by the wiper resistance (100). The resistance for the next code 01h is the nominal resistor RAB (10k, 20 k, 50k or 100k) divided through 256 plus the wiper resistor. In case of AS1501 (10k) the total resistance is 39+100=139. Accordingly the resistor for code 02h is 78+100=178. The last code 255h does not connect to terminal A directly (see Figure 5). So the maximum value is 10000 - 39 +100 = 10061. The general formula for the calculation of the resistance RWB is: RWB (Dx)= (Dx)/256RAB + RW
Table 6: Serial data format (16 bits)
21 22
23
Typicals represent average readings at 25C and VDD=5V. Guaranteed by design and not subject to production test. Resistor-terminal capacitance tests are measured with 2.5V bias on the measured terminal. The remaining resistor terminals are left open circuit. See timing diagram for location of measured values. All input control voltages are specified with tR = tF = 1ns (10% to 90% of VDD) and timed from a voltage level of 1.6V. Switching characteristics are measured using VDD=3V or 5V. To avoid false clocking, a minimum input logic slew rate of 1V/s should be maintained.
where RAB is the nominal resistance between terminal A and B, RW is the wiper resistance and DX is the 8-Bit Code word. In Table 7 the resistor values between the wiper and terminal B for AS1501 are given for specific codes DX. In the zero-scale condition the wiper resistance of 100 remains present.
Revision 1.0, Oct 2004
Page 5 of 8
Data Sheet AS1500/1/2/3
DX (Dec) 255 128 1 0
RWB ( ) 10061 5100 139 100
Output State Full Scale Midscale 1 LSB Zero-Scale (Wiper Contact Resistance) D7 D6 D5 D4 D3 D2 D1 D0
RDAC LATCH AND DECODE RS RS RS W A
Table 7: RDAC-Codes WB
The maximum current through the wiper and terminal B is 5mA. If the current exceeds this limit the internal switches can degrade or even be damaged. As a mechanical potentiometer the resistance RWA and RWB are totally symmetrical. The relation between them is shown in Figure 4. 10 RW 75 RWA(D), RWB(D) - % of RW
RS RS=RNOMINAL / 256 B
Figure 5: Equivalent RDAC Circuit
50
Voltage Output Operation The AS150x family can easily used in an voltage output mode, where the output voltage is proportional to an applied voltage to a given terminal. When 5V are applied to terminal A and B is set to ground the ouput voltage at the wiper starts at zero volts up to 1LSB less then 5V. One LSB of voltage corresponds to the voltage applied at terminal AB divided through 256 steps of possible wiper settings. The formula is given by VW (Dx)= (Dx)/256VAB + VB
25
0
0
64
12 CODE -
19
25
Figure 4: RWA and RWB versa Code
The resistance RWA is the complimentary resistor to RWB and can be controlled digitally as well. RWA starts at the maximum value of the nominal resistance and is reduced with increasing 8-Bit code words. The formula to calculate RWA is given below: RWA (Dx)= (256 - Dx)/256RAB + RW where RAB is the nominal resistance between terminal A and B, RW is the wiper resistance and DX is the 8-Bit Code word. In Table 8 the resistor values between the wiper and terminal B for AS1501 are given for specific codes DX. DX (Dec) 255 128 1 0 RWA ( ) 89 5050 10011 10050 Output State Full Scale Midscale 1 LSB Zero-Scale
where VAB is the voltage applied between terminal A and B, VW is the voltage at the wiper, DX is the 8-Bit Code word and VB is the voltage at terminal B. The temperature drift is significant better than in Rheostat mode, since the temperature coefficient is determined by the internal resistor ratio. Therefore the temperature drift is only 15ppm/C. Applications The digital potentiometer can replace in many applications the analog trimming potentiometer. The digital potentiometer is not sensitive to vibrations and shocks. It has an extremely small form-factor and can be adjusted very fast (e.g. AS1500 has an update rate of 600kHz) Furthermore the temperature drift, resolution and noise are significant better and cannot be achieved with a mechanical trimming potentiometer. Due to the programmability the resistor settings can be stored in the system memory, so that after a power down the exact settings can be recalled easily. All analog signals must remain within 0 to VDD range. For standard potentiometer applications the wiper output can be used directly. In the case of a low impedance load a buffer shall be used.
Table 8: RDAC-Codes WA
Revision 1.0, Oct 2004
Page 6 of 8
Data Sheet AS1500/1/2/3
Package Information
The AS150x family is offered in a 8-pin SOIC package:
Revision 1.0, Oct 2004
Page 7 of 8
Data Sheet AS1500/1/2/3
Package Dimensions in Inch and mm (values for N = 8 Pin package are valid):
Ordering Information
Part AS1500 AS1501 AS1502 AS1503 AS1500-T AS1501-T AS1502-T Resistor 10k 20k 50k 100k 10k 20k 50k Pin Package Delivery Form 8-pin SOIC Tubes 8-pin SOIC 8-pin SOIC 8-pin SOIC 8-pin SOIC 8-pin SOIC 8-pin SOIC Tubes Tubes Tubes T&R T&R T&R T&R
Copyright
Copyright (c) 2004 austriamicrosystems. Trademarks registered (R). All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. To the best of its knowledge, austriamicrosystems asserts that the information contained in this publication is accurate and correct.
Contact
austriamicrosystems AG A 8141 Schloss Premstatten, Austria T. +43 (0) 3136 500 0 F. +43 (0) 3136 525 01 info@austriamicrosystems.com
AS1503-T 100k 8-pin SOIC For Pb-free package use suffix `-Z`
Revision 1.0, Oct 2004
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of AS1503-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X